Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 110 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 110 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 109Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 110Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 111Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 112Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 113Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 114Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 400 page
background image
Peripherals
6.5.4.5 SUBSCRIBE_SET[n] (n=0..7)
Address offset: 0x0B0 + (n × 0x4)
Subscribe configuration for task SET[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task SET[n] will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
6.5.4.6 SUBSCRIBE_CLR[n] (n=0..7)
Address offset: 0x0E0 + (n × 0x4)
Subscribe configuration for task CLR[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task CLR[n] will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
6.5.4.7 EVENTS_IN[n] (n=0..7)
Address offset: 0x100 + (n × 0x4)
Event generated from pin specified in CONFIG[n].PSEL
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_IN
Event generated from pin specified in CONFIG[n].PSEL
NotGenerated
0
Event not generated
Generated
1
Event generated
6.5.4.8 EVENTS_PORT
Address offset: 0x17C
Event generated from multiple input GPIO pins with SENSE mechanism enabled
4418_1315 v2.0
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com