Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 116 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 116 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 112Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 113Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 114Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 115Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 116Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 117Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 120Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 400 page
background image
Peripherals
TIMER
PUBLISH_COMPARE[0]
IPC
SUBSCRIBE_SEND[0]
TIMER
TASKS_CAPTURE[0]
IPC
PUBLISH_RECEIVE[0]
IPC channel 0
PPI channel 0
MCU 0
PPI channel 0
MCU 1
Figure 22: Example of PPI and IPC connections
6.6.2 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x5002A000
0x4002A000
IPC
IPC : S
IPC : NS
US
NA
Interprocessor
communication
Table 43: Instances
Register
Offset
Security Description
TASKS_SEND[n]
0x000
Trigger events on IPC channel enabled in SEND_CNF[n]
SUBSCRIBE_SEND[n]
0x080
Subscribe configuration for task SEND[n]
EVENTS_RECEIVE[n]
0x100
Event received on one or more of the enabled IPC channels in RECEIVE_CNF[n]
PUBLISH_RECEIVE[n]
0x180
Publish configuration for event RECEIVE[n]
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
INTPEND
0x30C
Pending interrupts
SEND_CNF[n]
0x510
Send event configuration for TASKS_SEND[n]
RECEIVE_CNF[n]
0x590
Receive event configuration for EVENTS_RECEIVE[n]
GPMEM[n]
0x610
General purpose memory
Table 44: Register overview
6.6.2.1 TASKS_SEND[n] (n=0..7)
Address offset: 0x000 + (n × 0x4)
Trigger events on IPC channel enabled in SEND_CNF[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_SEND
Trigger events on IPC channel enabled in SEND_CNF[n]
Trigger
1
Trigger task
6.6.2.2 SUBSCRIBE_SEND[n] (n=0..7)
Address offset: 0x080 + (n × 0x4)
Subscribe configuration for task SEND[n]
4418_1315 v2.0
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com