Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 119 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 119 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 115Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 116Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 117Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 120Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 121Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 122Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 123Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-H RW
CHEN[i] (i=0..7)
Enable broadcasting on IPC channel i
Disable
0
Disable broadcast
Enable
1
Enable broadcast
6.6.2.10 RECEIVE_CNF[n] (n=0..7)
Address offset: 0x590 + (n × 0x4)
Receive event configuration for EVENTS_RECEIVE[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-H RW
CHEN[i] (i=0..7)
Enable subscription to IPC channel i
Disable
0
Disable events
Enable
1
Enable events
6.6.2.11 GPMEM[n] (n=0..3)
Address offset: 0x610 + (n × 0x4)
General purpose memory
Retained only in System ON mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
GPMEM
General purpose memory
6.6.3 Electrical specification
6.6.3.1 IPC Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tIPC
Time window during which IPC events can be merged
165
µs
6.7 I2S — Inter-IC sound interface
The I2S (Inter-IC Sound) module, supports the original two-channel I2S format, and left or right-aligned
formats. It implements EasyDMA for sample transfer directly to and from RAM without CPU intervention.
The I2S peripheral has the following main features:
• Master and Slave mode
• Simultaneous bi-directional (TX and RX) audio streaming
• Original I2S and left- or right-aligned format
4418_1315 v2.0
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com