Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 137 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 137 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 133Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 134Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 135Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 136Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 137Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 138Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 139Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 140Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 141Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHANNELS
Enable channels.
Stereo
0
Stereo.
Left
1
Left only.
Right
2
Right only.
6.7.10.25 RXD.PTR
Address offset: 0x538
Receive buffer RAM start address.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PTR
Receive buffer Data RAM start address. When receiving, words
containing samples will be written to this address. This address is a
word aligned Data RAM address.
6.7.10.26 TXD.PTR
Address offset: 0x540
Transmit buffer RAM start address.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PTR
Transmit buffer Data RAM start address. When transmitting, words
containing samples will be fetched from this address. This address is a
word aligned Data RAM address.
6.7.10.27 RXTXD.MAXCNT
Address offset: 0x550
Size of RXD and TXD buffers.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
MAXCNT
Size of RXD and TXD buffers in number of 32 bit words.
6.7.10.28 PSEL.MCK
Address offset: 0x560
Pin select for MCK signal.
4418_1315 v2.0
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com