Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 139 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 139 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 135Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 136Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 137Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 138Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 139Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 140Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 141Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 142Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 143Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 400 page
background image
Peripherals
6.7.10.32 PSEL.SDOUT
Address offset: 0x570
Pin select for SDOUT signal.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
[0..31]
Pin number
C
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.7.11 Electrical specification
6.7.11.1 I2S timing specification
Symbol
Description
Min.
Typ.
Max.
Units
tS_SDIN
SDIN setup time before SCK rising
20
ns
tH_SDIN
SDIN hold time after SCK rising
15
ns
tS_SDOUT
SDOUT setup time after SCK falling
40
ns
tH_SDOUT
SDOUT hold time before SCK falling
6
ns
tSCK_LRCK
SCLK falling to LRCK edge
-5
0
5
ns
fMCK
MCK frequency
4000
kHz
fLRCK
LRCK frequency
48
kHz
fSCK
SCK frequency
2000
kHz
DCCK
Clock duty cycle (MCK, LRCK, SCK)
45
55
%
SDOUT
SDIN
tH_SDIN
SCK
tS_SDOUT
LRCK
tH_SDOUT
tS_SDIN
tSCK_LRCK
Figure 34: I2S timing diagram
6.8 KMU — Key management unit
The key management unit (KMU) enforces access policies to a subset region of user information
configuration register (UICR). This subset region is used for storing cryptographic key values inside the key
slots, which the CPU has no access to.
In total there are 128 key slots available, where each key slot can store one 128-bit key value together with
an access policy and a destination address for the key value. Multiple key slots can be combined in order
to support key sizes larger than 128 bits. The access policy of a key slot governs if and how a key value can
4418_1315 v2.0
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com