Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 150 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 150 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 146Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 147Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 152Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 153Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 154Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 400 page
background image
Peripherals
6.9.2 Module operation
By default, bits from the left PDM microphone are sampled on PDM_CLK falling edge, and bits for the right
are sampled on the rising edge of PDM_CLK, resulting in two bitstreams. Each bitstream is fed into a digital
filter which converts the PDM stream into 16-bit PCM samples, then filters and down-samples them to
reach the appropriate sample rate.
The EDGE field in the MODE register allows swapping left and right, so that left will be sampled on rising
edge, and right on falling.
The PDM module uses EasyDMA to store the samples coming out from the filters into one buffer in RAM.
Depending on the mode chosen in the OPERATION field in the MODE register, memory either contains
alternating left and right 16-bit samples (Stereo), or only left 16-bit samples (Mono). To ensure continuous
PDM sampling, it is up to the application to update the EasyDMA destination address pointer as the
previous buffer is filled.
The continuous transfer can be started or stopped by sending the START and STOP tasks. STOP becomes
effective after the current frame has finished transferring, which will generate the STOPPED event. The
STOPPED event indicates that all activity in the module is finished, and that the data is available in RAM
(EasyDMA has finished transferring as well). Attempting to restart before receiving the STOPPED event
may result in unpredictable behavior.
6.9.3 Decimation filter
In order to convert the incoming data stream into PCM audio samples, a decimation filter is included in
the PDM interface module.
The input of the filter is the two-channel PDM serial stream (with left channel on clock high, right channel
on clock low). Depending on the RATIO selected, its output is 2 × 16-bit PCM samples at a sample rate
either 64 times or 80 times (depending on the RATIO register) lower than the PDM clock rate.
The filter stage of each channel is followed by a digital volume control, to attenuate or amplify the output
samples in a range of -20 dB to +20 dB around the default (reset) setting, defined by GPDM,default. The gain
is controlled by the GAINL and GAINR registers.
As an example, if the goal is to achieve 2500 RMS output samples (16-bit) with a 1 kHz 90 dBA signal into a
-26 dBFS sensitivity PDM microphone, do the following:
• Sum the PDM module's default gain ( GPDM,default ) and the gain introduced by the microphone and
acoustic path of his implementation (an attenuation would translate into a negative gain)
• Adjust GAINL and GAINR by the above summed amount. Assuming that only the PDM module
influences the gain, GAINL and GAINR must be set to -GPDM,default dB to achieve the requirement.
With GPDM,default=3.2 dB, and as GAINL and GAINR are expressed in 0.5 dB steps, the closest value to
program would be 3.0 dB, which can be calculated as:
GAINL = GAINR = (DefaultGain - (2 * 3))
Remember to check that the resulting values programmed into GAINL and GAINR fall within MinGain and
MaxGain.
6.9.4 EasyDMA
Samples will be written directly to RAM, and EasyDMA must be configured accordingly.
The address pointer for the EasyDMA channel is set in SAMPLE.PTR register. If the destination address set
in SAMPLE.PTR is not pointing to the Data RAM region, an EasyDMA transfer may result in a HardFault or
RAM corruption. See Memory on page 21 for more information about the different memory regions.
DMA supports Stereo (Left+Right 16-bit samples) and Mono (Left only) data transfer, depending on the
setting in the OPERATION field in the MODE register. The samples are stored little endian.
4418_1315 v2.0
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com