Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 152 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 152 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 152Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 153Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 154Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 155Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 156Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 400 page
background image
Peripherals
If two microphones are used, one of them has to be set as left, the other as right (L/R pin tied high or to
GND on the respective microphone). It is strongly recommended to use two microphones of exactly the
same brand and type so that their timings in left and right operation match.
CLK
Vdd
DATA
L/R
CLK
DIN
nRFxxxxx
CLK
Vdd
DATA
L/R
CLK
DIN
Figure 40: Example of two PDM microphones
6.9.6 Pin configuration
The CLK and DIN signals associated to the PDM module are mapped to physical pins according to the
configuration specified in the PSEL.CLK and PSEL.DIN registers respectively. If the CONNECT field in any
PSEL register is set to Disconnected, the associated PDM module signal will not be connected to the
required physical pins, and will not operate properly.
The PSEL.CLK and PSEL.DIN registers and their configurations are only used as long as the PDM module is
enabled, and retained only as long as the device is in System ON mode. See POWER — Power control on
page 64 for more information about power modes. When the peripheral is disabled, the pins will behave
as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n] register.
To ensure correct behavior in the PDM module, the pins used by the PDM module must be configured
in the GPIO peripheral as described in GPIO configuration before enabling peripheral on page 152
before enabling the PDM module. This is to ensure that the pins used by the PDM module are driven
correctly if the PDM module itself is temporarily disabled or the device temporarily enters System OFF.
This configuration must be retained in the GPIO for the selected I/Os as long as the PDM module is
supposed to be connected to an external PDM circuit.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
PDM signal
PDM pin
Direction
Output value
Comment
CLK
As specified in PSEL.CLK
Output
0
DIN
As specified in PSEL.DIN
Input
Not applicable
Table 55: GPIO configuration before enabling peripheral
6.9.7 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50026000
0x40026000
PDM
PDM : S
PDM : NS
US
SA
Pulse density modulation
(digital microphone) interface
Table 56: Instances
Register
Offset
Security Description
TASKS_START
0x000
Starts continuous PDM transfer
TASKS_STOP
0x004
Stops PDM transfer
SUBSCRIBE_START
0x080
Subscribe configuration for task START
4418_1315 v2.0
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com