Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 157 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 157 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 153Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 154Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 155Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 156Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 157Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 161Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 400 page
background image
Peripherals
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
STARTED
Write '1' to disable interrupt for event STARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW
STOPPED
Write '1' to disable interrupt for event STOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW
END
Write '1' to disable interrupt for event END
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.9.7.14 ENABLE
Address offset: 0x500
PDM module enable register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ENABLE
Enable or disable PDM module
Disabled
0
Disable
Enabled
1
Enable
6.9.7.15 PDMCLKCTRL
Address offset: 0x504
PDM clock generator control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x08400000
0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
FREQ
PDM_CLK frequency configuration.
1000K
0x08000000
PDM_CLK = 32 MHz / 32 = 1.000 MHz
Default
0x08400000
PDM_CLK = 32 MHz / 31 = 1.032 MHz. Nominal clock for
RATIO=Ratio64.
1067K
0x08800000
PDM_CLK = 32 MHz / 30 = 1.067 MHz
1231K
0x09800000
PDM_CLK = 32 MHz / 26 = 1.231 MHz
1280K
0x0A000000
PDM_CLK = 32 MHz / 25 = 1.280 MHz. Nominal clock for
RATIO=Ratio80.
1333K
0x0A800000
PDM_CLK = 32 MHz / 24 = 1.333 MHz
4418_1315 v2.0
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com