Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 159 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 159 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 155Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 156Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 157Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 163Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000028
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
GAINR
Right output gain adjustment, in 0.5 dB steps, around the default
module gain (see electrical parameters)
MinGain
0x00
-20 dB gain adjustment (minimum)
DefaultGain
0x28
0 dB gain adjustment
MaxGain
0x50
+20 dB gain adjustment (maximum)
6.9.7.19 RATIO
Address offset: 0x520
Selects the ratio between PDM_CLK and output sample rate. Change PDMCLKCTRL accordingly.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
RATIO
Selects the ratio between PDM_CLK and output sample rate
Ratio64
0
Ratio of 64
Ratio80
1
Ratio of 80
6.9.7.20 PSEL.CLK
Address offset: 0x540
Pin number configuration for PDM CLK signal
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
[0..31]
Pin number
C
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.9.7.21 PSEL.DIN
Address offset: 0x544
Pin number configuration for PDM DIN signal
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
[0..31]
Pin number
C
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
4418_1315 v2.0
159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com