Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 162 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 162 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 158Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 159Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 164Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 165Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 166Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 400 page
background image
Peripherals
value read from RAM (see figure Decoder memory access modes on page 165). Whether the counter
counts up, or up and down, is controlled by the MODE register.
The timer top value is controlled by the COUNTERTOP register. This register value, in conjunction with the
selected PRESCALER of the PWM_CLK, will result in a given PWM period. A COUNTERTOP value smaller
than the compare setting will result in a state where no PWM edges are generated. OUT[n] is held high,
given that the polarity is set to FallingEdge. All compare registers are internal and can only be configured
through decoder presented later. COUNTERTOP can be safely written at any time.
Sampling follows the START task. If DECODER.LOAD=WaveForm, the register value is ignored and taken
from RAM instead (see section Decoder with EasyDMA on page 165 for more details). If DECODER.LOAD
is anything else than the WaveForm, it is sampled following a STARTSEQ[n] task and when loading a new
value from RAM during a sequence playback.
The following figure shows the counter operating in up mode (MODE=PWM_MODE_Up), with three PWM
channels with the same frequency but different duty cycle:
COUNTERTOP
COMP0
COMP1
OUT[0]
OUT[1]
Figure 43: PWM counter in up mode example - FallingEdge polarity
The counter is automatically reset to zero when COUNTERTOP is reached and OUT[n] will invert. OUT[n]
is held low if the compare value is 0 and held high if set to COUNTERTOP, given that the polarity is set to
4418_1315 v2.0
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com