Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 165 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 165 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 164Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 165Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 166Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 167Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 168Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 169Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 400 page
background image
Peripherals
6.10.2 Decoder with EasyDMA
The decoder uses EasyDMA to take PWM parameters stored in RAM and update the internal compare
registers of the wave counter, based on the mode of operation.
PWM parameters are organized into a sequence containing at least one half word (16 bit). Its most
significant bit[15] denotes the polarity of the OUT[n] while bit[14:0] is the 15-bit compare value.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW COMPARE
Duty cycle setting - value loaded to internal compare
register
B
RW POLARITY
Edge polarity of GPIO.
RisingEdge
0
First edge within the PWM period is rising
FallingEdge
1
First edge within the PWM period is falling
The DECODER register controls how the RAM content is interpreted and loaded into the internal compare
registers. The LOAD field controls if the RAM values are loaded to all compare channels, or to update a
group or all channels with individual values. The following figure illustrates how parameters stored in RAM
are organized and routed to various compare channels in different modes:
P
O
L
COMPARE
P
O
L
COMPARE
...
P
O
L
COMPARE
COMP0
COMP1
COMP2
COMP3
SEQ[n].PTR
COMP0
COMP1
COMP2
COMP3
COMP0
COMP1
COMP2
COMP3
DECODER.LOAD=Common
P
O
L
COMPARE
P
O
L
COMPARE
...
P
O
L
COMPARE
COMP0
COMP1
COMP2
COMP3
COMP0
COMP1
DECODER.LOAD=Grouped
P
O
L
COMPARE
P
O
L
COMPARE
P
O
L
COMPARE
COMP0
COMP1
COMP3
DECODER.LOAD=Single
P
O
L
COMPARE
COMP2
Increasing Data
RAM address
P
O
L
COMPARE
P
O
L
COMPARE
TOP
COMP0
COMP1
COUNTERTOP
DECODER.LOAD=WaveForm
P
O
L
COMPARE
COMP2
Figure 45: Decoder memory access modes
A special mode of operation is available when DECODER.LOAD is set to WaveForm. In this mode, up to
three PWM channels can be enabled - OUT[0] to OUT[2]. In RAM, four values are loaded at a time: the
first, second and third location are used to load the values, and the fourth RAM location is used to load
the COUNTERTOP register. This way one can have up to three PWM channels with a frequency base that
changes on a per PWM period basis. This mode of operation is useful for arbitrary wave form generation
in applications, such as LED lighting.
The register SEQ[n].REFRESH=N (one per sequence n=0 or 1) will instruct a new RAM stored pulse width
value on every (N+1)th PWM period. Setting the register to zero will result in a new duty cycle update
every PWM period, as long as the minimum PWM period is observed.
4418_1315 v2.0
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com