| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R Datasheet(PDF) 168 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Datasheet(HTML) 168 Page - Nordic Semiconductor |
|
168 / 400 page ![]() Peripherals The following figure shows a more complex example using the register LOOP on page 182. P O L COMPARE SEQ[0].PTR SEQ[0].CNT=2, SEQ[1].CNT=3, SEQ[0].REFRESH=1, SEQ[1].REFRESH=0, SEQ[0].ENDDELAY=1, SEQ[1].ENDDELAY=0, LOOP.CNT=1 PWM clock period P O L COMPARE LOOPSDONE SEQEND[0] SEQSTARTED[0] SEQSTART[0] Event/Tasks SEQ[1].PTR P O L COMPARE P O L COMPARE Event/Tasks 1 PWM period SEQ[0].ENDDELAY=1 (continued below) SEQEND[1] SEQSTARTED[1] (continuation) PWM generation maintains last played value Figure 47: Example using two sequences In this case, an automated playback takes place, consisting of SEQ[0], delay 0, SEQ[1], delay 1, then again SEQ[0], etc. The user can choose to start a complex playback with SEQ[0] or SEQ[1] through sending the SEQSTART[0] or SEQSTART[1] task. The complex playback always ends with delay 1. The two sequences 0 and 1 are defined by the addresses of value tables in RAM (pointed to by SEQ[n].PTR) and the buffer size (SEQ[n].CNT). The rate at which a new value is loaded is defined individually for each sequence by SEQ[n].REFRESH. The chaining of sequence 1 following the sequence 0 is implicit, the LOOP.CNT register allows the chaining of sequence 1 to sequence 0 for a determined number of times. In other words, it allows to repeat a complex sequence a number of times in a fully automated way. In the following code example, sequence 0 is defined with SEQ[0].REFRESH set to 1, meaning that a new PWM duty cycle is pushed every second PWM period. This complex sequence is started with the SEQSTART[0] task, so SEQ[0] is played first. Since SEQ[0].ENDDELAY=1 there will be one PWM period delay between last period on sequence 0 and the first period on sequence 1. Since SEQ[1].ENDDELAY=0 there is no delay 1, so SEQ[0] would be started immediately after the end of SEQ[1]. However, as LOOP.CNT is 4418_1315 v2.0 168 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |