| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R Datasheet(PDF) 186 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Datasheet(HTML) 186 Page - Nordic Semiconductor |
|
186 / 400 page ![]() Peripherals 6.11.5 Tick event The TICK event enables low-power tickless RTOS implementation, as it optionally provides a regular interrupt source for an RTOS with no need for use of the ARM SysTick feature. Using the TICK event, rather than the SysTick, allows the CPU to be powered down while keeping RTOS scheduling active. Note: The TICK event is disabled by default. 6.11.6 Event control To optimize the RTC power consumption, events in the RTC can be individually disabled to prevent PCLK16M and HFCLK from being requested when those events are triggered. This is managed using the EVTEN register. This means that the RTC implements a slightly different task and event system compared to the standard system described in Peripheral interface on page 15. The RTC task and event system is illustrated in the following figure. RTC core TASK OR Task signal from PPI task event EVENT m IRQ signal to NVIC INTEN m RTC EVTEN m Event signal to PPI write Figure 54: Tasks, events, and interrupts in the RTC 6.11.7 Compare The RTC implements one COMPARE event for every available compare register. When the COUNTER is incremented and then becomes equal to the value specified in the register CC[n], the corresponding compare event COMPARE[n] is generated. When writing a CC[n] register, the RTC COMPARE event exhibits several behaviors. See the following figures for more information. If a CC value is 0 when a CLEAR task is set, this will not trigger a COMPARE event. 4418_1315 v2.0 186 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |