Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 189 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 189 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 189Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 190Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 191Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 192Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 193Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 400 page
background image
Peripherals
is modified each time the RTC ticks. The registers are synchronised between the two clock domains
(PCLK16M and LFCLK).
CLEAR and STOP (and TRIGOVRFLW, which is not shown) will be delayed as long as it takes for the
peripheral to clock a falling edge and a rising edge of the LFCLK. This is between 15.2585 μs and 45.7755
μs – rounded to 15 μs and 46 μs for the remainder of the section.
0x000
PCLK16M
LFCLK
<<PRESC>>
<<COUNTER>>
CLEARa
X
X+1
0x000000
0x000001
CLEAR
CLEARb
1 or more PCLK16M cycles before
<= ~46 µs
>= ~15 µs
0 or more PCLK16M cycles after
Figure 61: Timing diagram - DELAY_CLEAR
When a STOP task is triggered, the PCLK16M domain will immediately prevent the generation of any
EVENTS from the RTC. However, as seen in the following figure, the COUNTER value can still increment one
final time.
PCLK16M
LFCLK
<<PRESC>>
<<COUNTER>>
STOPa
X
X+1
STOP
STOPb
1 or more PCLK16M cycles before
<= ~46 µs
>= ~15 µs
0x000
0 or more PCLK16M cycles after
Figure 62: Timing diagram - DELAY_STOP
The START task will start the RTC. Assuming that the LFCLK was previously running and stable, the first
increment of COUNTER (and instance of TICK event) will be typically after 30.5 μs +/-15 μs. Additional
delay will occur if the RTC is started before the LFCLK is running, see CLOCK — Clock control on page 70
for LFLK startup times. The software should therefore wait for the first TICK if it has to make sure that the
RTC is running. Sending a TRIGOVRFLW task sets the COUNTER to a value close to overflow. However, since
the update of COUNTER relies on a stable LFCLK, sending this task while LFCLK is not running will also add
additional delay as previously described. The figures show the smallest and largest delays on the START
task, appearing as a +/-15 μs jitter on the first COUNTER increment.
4418_1315 v2.0
189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com