Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 198 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 198 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 194Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 195Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 196Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 197Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 198Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 199Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 202Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 400 page
background image
Peripherals
6.11.10 Electrical specification
6.12 SAADC — Successive approximation analog-to-
digital converter
The SAADC is a differential successive approximation register (SAR) analog-to-digital converter.
Listed here are the main features of SAADC:
• 8/10/12-bit resolution, 14-bit resolution with oversampling
• Multiple analog inputs:
• AIN0 to AIN7 pins
• VDD_GPIO pin
• Up to eight input channels:
• One channel per single-ended input and two channels per differential input
• Scan mode can be configured with both single-ended channels and differential channels
• Each channel can be configured to select any of the above analog inputs
• Full scale input range (0 to VDD_GPIO)
• Sampling triggered via a task from software or a PPI channel for full flexibility on sample frequency
source from low-power 32.768 kHz RTC or more accurate 1/16 MHz timers
• One-shot conversion mode to sample a single channel
• Scan mode to sample a series of channels in sequence with configurable sample delay
• Support for direct sample transfer to RAM using EasyDMA
• Interrupts on single sample and full buffer events
• Samples stored as 16-bit two’s complement values for differential and single-ended sampling
• Continuous sampling without the need of an external timer
• Internal resistor string
• On-the-fly limit checking
6.12.1 Overview
The ADC supports up to eight external analog input channels. It can be operated in One-shot mode with
sampling under software control, or Continuous mode with a programmable sampling rate.
The analog inputs can be configured as eight single-ended inputs, four differential inputs or a combination
of these. Each channel can be configured to select:
•
AIN0 to AIN7 pins
•
VDD_GPIO pin
Channels can be sampled individually in one-shot or continuous sampling modes, or, using scan mode,
multiple channels can be sampled in sequence. Channels can also be oversampled to improve noise
performance.
4418_1315 v2.0
198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com