| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R Datasheet(PDF) 201 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Datasheet(HTML) 201 Page - Nordic Semiconductor |
|
201 / 400 page ![]() Peripherals The SAMPLERATE register can be used as a local timer instead of triggering individual SAMPLE tasks. When SAMPLERATE.MODE is set to Timers, it is sufficient to trigger SAMPLE task only once in order to start the SAADC and triggering the STOP task will stop sampling. The SAMPLERATE.CC field controls the sample rate. The SAMPLERATE timer mode cannot be combined with SCAN mode, and only one channel can be enabled in this mode. A DONE event signals that one sample has been taken. In this mode, the RESULTDONE event has the same meaning as DONE when no oversampling takes place. Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. 6.12.4.3 Oversampling An accumulator in the ADC can be used to average noise on the analog input. In general, oversampling improves the signal-to-noise ratio (SNR). Oversampling, however, does not improve the integral non- linearity (INL), or differential non-linearity (DNL). Oversampling and scan should not be combined, since oversampling and scan will average over input channels. The accumulator is controlled in the OVERSAMPLE register. The SAMPLE task must be set 2OVERSAMPLE number of times before the result is written to RAM. This can be achieved by: • Configuring a fixed sampling rate using the local timer or a general purpose timer and the PPI system to trigger a SAMPLE task • Triggering SAMPLE 2OVERSAMPLE times from software • Enabling BURST mode CH[n].CONFIG.BURST can be enabled to avoid setting SAMPLE task 2OVERSAMPLE times. With BURST = 1 the ADC will sample the input 2OVERSAMPLE times as fast as it can (actual timing: <(tACQ+tCONV)×2OVERSAMPLE). Thus, for the user it will just appear like the conversion took a bit longer time, but other than that, it is similar to one-shot mode. A DONE event signals that one sample has been taken. In this mode, the RESULTDONE event signals that enough conversions have taken place for an oversampled result to get transferred into RAM. Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. 6.12.4.4 Scan mode A channel is considered enabled if CH[n].PSELP is set. If more than one channel, CH[n], is enabled, the ADC enters scan mode. In scan mode, one SAMPLE task will trigger one conversion per enabled channel. The time it takes to sample all channels is: Total time < Sum(CH[x].tACQ+tCONV), x=0..enabled channels A DONE event signals that one sample has been taken. In this mode, the RESULTDONE event signals has the same meaning as DONE when no oversampling takes place. Note that both events may occur before the actual values have been transferred into RAM by EasyDMA. The figure below provides an example of results placement in Data RAM, with an even RESULT.MAXCNT. In this example, channels 1, 2 and 5 are enabled, all others are disabled. 4418_1315 v2.0 201 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |