Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 203 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 203 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 199Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 206Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 207Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 400 page
background image
Peripherals
1
Sample and convert
2
3
Sample and convert
Sample and convert
Sample and convert
Result 0
Result 1
Result 2
Result 3
0
0
0x20000000
0x20000002
0x20000010
0x20000012
0x20000020
0x20000022
Data RAM
RAM
RAM
RAM
RAM
Figure 68: ADC
If the RESULT.PTR is not pointing to a RAM region accessible from the peripheral, an EasyDMA transfer may
result in a HardFault and/or memory corruption. See Memory on page 21 for more information about the
different memory regions.
The EasyDMA will have finished accessing the RAM when the END or STOPPED event has been generated.
The RESULT.AMOUNT register can be read following an END event or a STOPPED event to see how many
results have been transferred to the Result buffer in RAM since the START task was triggered.
In scan mode, SAMPLE tasks can be triggered once the START task is triggered. The END event is generated
when the number of samples transferred to memory reaches the value specified by RESULT.MAXCNT.
After an END event, the START task needs to be triggered again before new samples can be taken. Also
make sure that the size of the Result buffer is large enough to have space for minimum one result from
each of the enabled channels, by specifying RESULT.MAXCNT >= number of channels enabled. For more
information about the scan mode, see Scan mode on page 201.
6.12.6 Resistor ladder
The ADC has an internal resistor string for positive and negative input.
See Resistor ladder for positive input (negative input is equivalent, using RESN instead of RESP) on page
204. The resistors are controlled in the CH[n].CONFIG.RESP and CH[n].CONFIG.RESN registers.
4418_1315 v2.0
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com