Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 245 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 245 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 241Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 242Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 243Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 244Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 245Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 246Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 247Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 248Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 249Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 400 page
background image
Peripherals
Register
Offset
Security Description
PUBLISH_END
0x184
Publish configuration for event END
PUBLISH_ENDRX
0x190
Publish configuration for event ENDRX
PUBLISH_ACQUIRED
0x1A8
Publish configuration for event ACQUIRED
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
SEMSTAT
0x400
Semaphore status register
STATUS
0x440
Status from last transaction
ENABLE
0x500
Enable SPI slave
PSEL.SCK
0x508
Pin select for SCK
PSEL.MISO
0x50C
Pin select for MISO signal
PSEL.MOSI
0x510
Pin select for MOSI signal
PSEL.CSN
0x514
Pin select for CSN signal
PSELSCK
0x508
Pin select for SCK
This register is deprecated.
PSELMISO
0x50C
Pin select for MISO
This register is deprecated.
PSELMOSI
0x510
Pin select for MOSI
This register is deprecated.
PSELCSN
0x514
Pin select for CSN
This register is deprecated.
RXD.PTR
0x534
RXD data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes received in last granted transaction
RXD.LIST
0x540
EasyDMA list type
RXDPTR
0x534
RXD data pointer
This register is deprecated.
MAXRX
0x538
Maximum number of bytes in receive buffer
This register is deprecated.
AMOUNTRX
0x53C
Number of bytes received in last granted transaction
This register is deprecated.
TXD.PTR
0x544
TXD data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transmitted in last granted transaction
TXD.LIST
0x550
EasyDMA list type
TXDPTR
0x544
TXD data pointer
This register is deprecated.
MAXTX
0x548
Maximum number of bytes in transmit buffer
This register is deprecated.
AMOUNTTX
0x54C
Number of bytes transmitted in last granted transaction
This register is deprecated.
CONFIG
0x554
Configuration register
DEF
0x55C
Default character. Character clocked out in case of an ignored transaction.
ORC
0x5C0
Over-read character
Table 79: Register overview
6.14.6.1 TASKS_ACQUIRE
Address offset: 0x024
4418_1315 v2.0
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com