Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 248 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 248 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 244Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 245Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 246Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 247Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 248Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 249Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 250Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 251Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 252Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 400 page
background image
Peripherals
6.14.6.9 PUBLISH_ENDRX
Address offset: 0x190
Publish configuration for event ENDRX
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event ENDRX will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.14.6.10 PUBLISH_ACQUIRED
Address offset: 0x1A8
Publish configuration for event ACQUIRED
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event ACQUIRED will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.14.6.11 SHORTS
Address offset: 0x200
Shortcuts between local events and tasks
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
END_ACQUIRE
Shortcut between event END and task ACQUIRE
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.14.6.12 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
END
Write '1' to enable interrupt for event END
4418_1315 v2.0
248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com