Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 256 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 256 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 252Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 253Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 254Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 255Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 256Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 257Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 258Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 259Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 260Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 400 page
background image
Peripherals
Maximum number of bytes in transmit buffer
This register is deprecated.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
MAXTX
[1..0x1FFF]
Maximum number of bytes in transmit buffer
6.14.6.38 AMOUNTTX (Deprecated)
Address offset: 0x54C
Number of bytes transmitted in last granted transaction
This register is deprecated.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
AMOUNTTX
[1..0x1FFF]
Number of bytes transmitted in last granted transaction
6.14.6.39 CONFIG
Address offset: 0x554
Configuration register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ORDER
Bit order
MsbFirst
0
Most significant bit shifted out first
LsbFirst
1
Least significant bit shifted out first
B
RW
CPHA
Serial clock (SCK) phase
Leading
0
Sample on leading edge of clock, shift serial data on trailing edge
Trailing
1
Sample on trailing edge of clock, shift serial data on leading edge
C
RW
CPOL
Serial clock (SCK) polarity
ActiveHigh
0
Active high
ActiveLow
1
Active low
6.14.6.40 DEF
Address offset: 0x55C
Default character. Character clocked out in case of an ignored transaction.
4418_1315 v2.0
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com