Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 257 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 257 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 253Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 254Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 255Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 256Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 257Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 258Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 259Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 260Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 261Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DEF
Default character. Character clocked out in case of an ignored
transaction.
6.14.6.41 ORC
Address offset: 0x5C0
Over-read character
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ORC
Over-read character. Character clocked out after an over-read of the
transmit buffer.
6.14.7 Electrical specification
6.14.7.1 SPIS slave interface electrical specifications
Symbol
Description
Min.
Typ.
Max.
Units
fSPIS
Bit rates for SPIS15
816
Mbps
tSPIS,START
Time from RELEASE task to receive/transmit (CSN active)
0.125
µs
6.14.7.2 Serial Peripheral Interface Slave (SPIS) timing specifications
Symbol
Description
Min.
Typ.
Max.
Units
tSPIS,CSCKIN
SCK input period
125
ns
tSPIS,RFSCKIN
SCK input rise/fall time
30
ns
tSPIS,WHSCKIN
SCK input high time
30
ns
tSPIS,WLSCKIN
SCK input low time
30
ns
tSPIS,SUCSN
CSN to CLK setup time
1000
ns
tSPIS,HCSN
CLK to CSN hold time
2000
ns
tSPIS,ASA
CSN to MISO driven
0
ns
tSPIS,ASO
CSN to MISO valida
1000
ns
tSPIS,DISSO
CSN to MISO disableda
68
ns
tSPIS,CWH
CSN inactive time
300
ns
tSPIS,VSO
CLK edge to MISO valid
19
ns
tSPIS,HSO
MISO hold time after CLK edge
1817
ns
tSPIS,SUSI
MOSI to CLK edge setup time
59
ns
tSPIS,HSI
CLK edge to MOSI hold time
20
ns
15 High bit rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
16 The actual maximum data rate depends on the master's CLK to MISO and MOSI setup and hold
timings.
a At 25pF load, including GPIO capacitance, see GPIO spec.
17 This is to ensure compatibility to SPI masters sampling MISO on the same edge as MOSI is output
4418_1315 v2.0
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com