Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 290 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 290 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 286Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 287Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 288Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 289Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 290Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 291Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 294Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ONESHOTEN
Enable one-shot operation
Configures the corresponding compare-channel for one-shot operation
Disable
0
Disable one-shot operation
Compare event is generated every time the Counter matches CC[n]
Enable
1
Enable one-shot operation
Compare event is generated the first time the Counter matches CC[n]
after CC[n] has been written
6.16.5.22 CC[n] (n=0..5)
Address offset: 0x540 + (n × 0x4)
Capture/Compare register n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CC
Capture/Compare value
Only the number of bits indicated by BITMODE will be used by the
TIMER.
6.16.6 Electrical specification
6.17 TWIM — I2C compatible two-wire interface master
with EasyDMA
TWI master with EasyDMA (TWIM) is a two-wire half-duplex master which can communicate with multiple
slave devices connected to the same bus.
Listed here are the main features for TWIM:
• I2C compatible
• Supported baud rates: 100, 250, 400 kbps
• Support for clock stretching (non I2C compliant)
• EasyDMA
The two-wire interface can communicate with a bi-directional wired-AND bus with two lines (SCL, SDA).
The protocol makes it possible to interconnect up to 127 individually addressable devices. TWIM is not
compatible with CBUS.
The GPIOs used for each two-wire interface line can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of board space
and signal routing.
4418_1315 v2.0
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com