Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 294 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 294 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 290Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 291Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 294Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 295Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 296Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 297Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 298Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 400 page
background image
Peripherals
The TWI master cannot be stopped while suspended, so the STOP task must be issued after the TWI
master has been resumed.
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 92: The TWI master reading data from a slave
6.17.5 Master repeated start sequence
A typical repeated start sequence is one in which the TWI master writes two bytes to the slave followed by
reading four bytes from the slave. This example uses shortcuts to perform the simplest type of repeated
start sequence, i.e. one write followed by one read. The same approach can be used to perform a
repeated start sequence where the sequence is read followed by write.
The following figure shows an example of a repeated start sequence where the TWI master writes two
bytes followed by reading four bytes from the slave.
1
ADDR
0
3
2
ADDR
0
1
1
2
Figure 93: Master repeated start sequence
If a more complex repeated start sequence is needed, and the TWI firmware drive is serviced in a low
priority interrupt, it may be necessary to use the SUSPEND task and SUSPENDED event to guarantee that
the correct tasks are generated at the correct time. A double repeated start sequence using the SUSPEND
task to secure safe operation in low priority interrupts is shown in the following figure.
4418_1315 v2.0
294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com