Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 297 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 297 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 294Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 295Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 296Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 297Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 298Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 299Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 300Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 301Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 400 page
background image
Peripherals
Register
Offset
Security Description
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
TXD.LIST
0x550
EasyDMA list type
ADDRESS
0x588
Address used in the TWI transfer
Table 92: Register overview
6.17.8.1 TASKS_STARTRX
Address offset: 0x000
Start TWI receive sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STARTRX
Start TWI receive sequence
Trigger
1
Trigger task
6.17.8.2 TASKS_STARTTX
Address offset: 0x008
Start TWI transmit sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STARTTX
Start TWI transmit sequence
Trigger
1
Trigger task
6.17.8.3 TASKS_STOP
Address offset: 0x014
Stop TWI transaction. Must be issued while the TWI master is not suspended.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_STOP
Stop TWI transaction. Must be issued while the TWI master is not
suspended.
Trigger
1
Trigger task
6.17.8.4 TASKS_SUSPEND
Address offset: 0x01C
Suspend TWI transaction
4418_1315 v2.0
297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com