Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 301 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 301 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 297Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 298Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 299Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 300Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 301Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 302Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 303Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 304Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 305Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 400 page
background image
Peripherals
6.17.8.16 EVENTS_LASTRX
Address offset: 0x15C
Byte boundary, starting to receive the last byte
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_LASTRX
Byte boundary, starting to receive the last byte
NotGenerated
0
Event not generated
Generated
1
Event generated
6.17.8.17 EVENTS_LASTTX
Address offset: 0x160
Byte boundary, starting to transmit the last byte
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_LASTTX
Byte boundary, starting to transmit the last byte
NotGenerated
0
Event not generated
Generated
1
Event generated
6.17.8.18 PUBLISH_STOPPED
Address offset: 0x184
Publish configuration for event STOPPED
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event STOPPED will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.17.8.19 PUBLISH_ERROR
Address offset: 0x1A4
Publish configuration for event ERROR
4418_1315 v2.0
301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com