Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 316 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 316 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 312Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 313Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 314Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 315Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 316Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 317Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 318Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 319Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 320Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 400 page
background image
Peripherals
The TWI slave can be forced to stop by triggering the STOP task. A STOPPED event will be generated when
the TWI slave has stopped. The TWI slave will clear the internal 'RX prepared' flag and go back to the IDLE
state when it has stopped, see also Terminating an ongoing TWI transaction on page 317.
The TWI slave will generate an ACK after every byte received from the master. The RXD.AMOUNT register
can be queried after a transaction to see how many bytes were received.
A typical TWI slave write command response is show in the following figure. Occurrence 2 in the figure
illustrates clock stretching performed by the TWI slave following a SUSPEND task.
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 101: The TWI slave responding to a write command
6.18.5 Master repeated start sequence
An example of a repeated start sequence is one in which the TWI master writes two bytes to the slave
followed by reading four bytes from the slave.
This is illustrated in the following figure.
In this example, the receiver does not know what the master wants to read in advance. This information
is in the first two received bytes of the write in the repeated start sequence. To guarantee that the CPU is
able to process the received data before the TWI slave starts to reply to the read command, the SUSPEND
task is triggered via a shortcut from the READ event generated when the read command is received. When
the CPU has processed the incoming data and prepared the correct data response, the CPU will resume
the transaction by triggering the RESUME task.
ADDR
0
3
3
ADDR
0
1
1
2
2
1
Figure 102: Repeated start sequence
4418_1315 v2.0
316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com