Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 317 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 317 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 313Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 314Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 315Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 316Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 317Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 318Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 319Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 320Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 321Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 400 page
background image
Peripherals
6.18.6 Terminating an ongoing TWI transaction
In some situations, e.g. if the external TWI master is not responding correctly, it may be required to
terminate an ongoing transaction.
This can be achieved by triggering the STOP task. In this situation, a STOPPED event will be generated
when the TWI has stopped independent of whether or not a STOP condition has been generated on the
TWI bus. The TWI slave will release the bus when it has stopped and go back to its IDLE state.
6.18.7 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.18.8 Slave mode pin configuration
The SCL and SDA signals associated with the TWI slave are mapped to physical pins according to the
configuration specified in the PSEL.SCL and PSEL.SDA registers respectively.
The PSEL.SCL and PSEL.SDA registers and their configurations are only used as long as the TWI slave is
enabled, and retained only as long as the device is in ON mode. When the peripheral is disabled, the pins
will behave as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n]
register. PSEL.SCL and PSEL.SDA must only be configured when the TWI slave is disabled.
To secure correct signal levels on the pins used by the TWI slave when the system is in OFF mode, and
when the TWI slave is disabled, these pins must be configured in the GPIO peripheral as described in the
following table.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
TWI slave signal
TWI slave pin
Direction
Output value
Drive strength
SCL
As specified in PSEL.SCL
Input
Not applicable
S0D1
SDA
As specified in PSEL.SDA
Input
Not applicable
S0D1
Table 95: GPIO configuration before enabling peripheral
6.18.9 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50008000
0x40008000
TWIS
TWIS0 : S
TWIS0 : NS
US
SA
Two-wire interface slave 0
0x50009000
0x40009000
TWIS
TWIS1 : S
TWIS1 : NS
US
SA
Two-wire interface slave 1
0x5000A000
0x4000A000
TWIS
TWIS2 : S
TWIS2 : NS
US
SA
Two-wire interface slave 2
0x5000B000
0x4000B000
TWIS
TWIS3 : S
TWIS3 : NS
US
SA
Two-wire interface slave 3
Table 96: Instances
Register
Offset
Security Description
TASKS_STOP
0x014
Stop TWI transaction
4418_1315 v2.0
317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com