Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 222 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 222 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 218Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 219Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 220Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 221Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 222Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 223Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 224Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 225Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 226Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
RW
VAL
Set the resolution
8bit
0
8 bit
10bit
1
10 bit
12bit
2
12 bit
14bit
3
14 bit
6.12.10.35 OVERSAMPLE
Address offset: 0x5F4
Oversampling configuration. OVERSAMPLE should not be combined with SCAN. The RESOLUTION is
applied before averaging, thus for high OVERSAMPLE a higher RESOLUTION should be used.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
OVERSAMPLE
Oversample control
Bypass
0
Bypass oversampling
Over2x
1
Oversample 2x
Over4x
2
Oversample 4x
Over8x
3
Oversample 8x
Over16x
4
Oversample 16x
Over32x
5
Oversample 32x
Over64x
6
Oversample 64x
Over128x
7
Oversample 128x
Over256x
8
Oversample 256x
6.12.10.36 SAMPLERATE
Address offset: 0x5F8
Controls normal or continuous sample rate
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CC
[80..2047]
Capture and compare value. Sample rate is 16 MHz/CC
B
RW
MODE
Select mode for sample rate control
Task
0
Rate is controlled from SAMPLE task
Timers
1
Rate is controlled from local timer (use CC to control the rate)
6.12.10.37 RESULT.PTR
Address offset: 0x62C
Data pointer
4418_1315 v2.0
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com