Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 358 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 358 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 354Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 355Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 356Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 357Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 358Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 359Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 362Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 400 page
background image
Peripherals
Counter reload value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
CRV
[0x0000000F..0xFFFFFFFF]
Counter reload value in number of cycles of the 32.768 kHz clock
6.20.4.10 RREN
Address offset: 0x508
Enable register for reload request registers
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A-H RW
RR[i] (i=0..7)
Enable or disable RR[i] register
Disabled
0
Disable RR[i] register
Enabled
1
Enable RR[i] register
6.20.4.11 CONFIG
Address offset: 0x50C
Configuration register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
RW
SLEEP
Configure the watchdog to either be paused, or kept running, while the
CPU is sleeping
Pause
0
Pause watchdog while the CPU is sleeping
Run
1
Keep the watchdog running while the CPU is sleeping
C
RW
HALT
Configure the watchdog to either be paused, or kept running, while the
CPU is halted by the debugger
Pause
0
Pause watchdog while the CPU is halted by the debugger
Run
1
Keep the watchdog running while the CPU is halted by the debugger
6.20.4.12 RR[n] (n=0..7)
Address offset: 0x600 + (n × 0x4)
Reload request n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
RR
Reload request register
Reload
0x6E524635
Value to request a reload of the watchdog timer
4418_1315 v2.0
358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com