Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 362 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 362 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 358Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 359Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 366Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 400 page
background image
LTE modem
cellular IoT product, only UICCs supporting power down mode during PSM and eDRX idle mode sleep
intervals should be considered.
LTE modem controls the physical interfaces towards the UICC and implements the transport protocol over
the four-pin ISO/IEC 7816-3 interface:
• VCC (power supply): LTE modem drives this
• CLK (clock signal): LTE modem drives this
• RST (reset signal): LTE modem drives this
• I/O (input/output serial data): Bi-directional
The interface and the connections between LTE modem, UICC connector, and the ESD device is shown in
the figure below.
nRF91
SIM_RST
SIM_CLK
SIM_IO
SIM_VDD
ESD
RST_2
CLK_2
VCC
RST_1
CLK_1
IO_1
SIM card
connector
RST
CLK
I/O
IO_2
VCC
Figure 109: Connections between LTE modem, card connector, and the ESD device
Only standard transmission speeds are supported as specified in ETSI TS 102 221.
Important: LTE modem must be stopped through the modem API, before removing the UICC.
An ESD (electrostatic discharge) protection device compatible with UICC cards must be used between the
removable card and the LTE modem, to protect LTE modem against a harmful electrostatic discharge from
the card connector.
7.3 LTE modem coexistence interface
LTE modem uses a dedicated three-pin interface for RF interference avoidance towards a companion radio
device e.g. an external positioning device or Bluetooth Low Energy device.
The inputs and outputs for this interface:
• COEX0: Input to the LTE modem from the external device. When active high, indicates that the external
device transceiver is turned on.
• When internal GPS is used, COEX0 can be used as active high control for the external LNA
component.
• COEX1: Output from the LTE modem to the external device. Active high time mark pulse, which is
synchronous to LTE system time.
• When internal GPS is used, COEX1 delivers the GPS 1PPS (one pulse per second) time mark pulse.
• COEX2: Output from the LTE modem to the external device. When active high, indicates that the LTE
modem transceiver is turned on.
• COEX2 can also be treated as active low grant from LTE modem to the external device, indicating
grant to transmit and receive.
4418_1315 v2.0
362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com