Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 366 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 366 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 370Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 400 page
background image
LTE modem
7.7.3 Receiver parameters for Cat-M1
Symbol
Description
Min.
Typ.
Max.
Units
Freqrange_ANT_RX
RX operation frequency range at ANT (pin 61)
729
2200
MHz
Zin
Input impedance, single-ended
50
Ω
Sensitivity, low
band
LTE 1.4 MHz without coverage extension
-103
-108
dBm
Sensitivity, mid
band
LTE 1.4 MHz without coverage extension
-103
-107
dBm
7.7.4 Receiver parameters for Cat-NB1 and Cat-NB2
Symbol
Description
Min.
Typ.
Max.
Units
Freqrange_ANT_RX
RX operation frequency range at ANT (pin 61)
729
2200
MHz
Zin
Input impedance, single-ended
50
Ω
Sensitivity, low
band
NB 200 kHz without coverage extension
-108
-114
dBm
Sensitivity, mid
band
NB 200 kHz without coverage extension
-108
-113
dBm
7.7.5 Transmitter parameters for Cat-M1
Symbol
Description
Min.
Typ.
Max.
Units
Freqrange_ANT_TX
TX operation frequency range at ANT (pin 61)
699
1980
MHz
Zout
Output impedance, single-ended
50
Ω
Maximum output
power
Maximum output power
23
dBm
Minimum output
power
Minimum output power
-40
dBm
Pout maximum
accuracy
Pout maximum accuracy
+-2
dB
7.7.6 Transmitter parameters for Cat-NB1 and Cat-NB2
Symbol
Description
Min.
Typ.
Max.
Units
Freqrange_ANT_TX
TX operation frequency range at ANT (pin 61)
699
1980
MHz
Zout
Output impedance, single-ended
50
Ω
Maximum output
power
Maximum output power
23
dBm
Minimum output
power
Minimum output power
-40
dBm
Pout maximum
accuracy
Pout maximum accuracy
+-2
dB
4418_1315 v2.0
366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com