Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 363 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 363 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 359Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 367Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 400 page
background image
LTE modem
Note: COEX2 pin requires an external pull-down resistor in 100 kΩ size range to be used.
Note: Please refer to nRF9160 modem firmware release notes found under nRF91 FW binaries
downloads concerning availability of COEX signaling feature support".
COEX interface timing in relation to modem state is shown in the figure below.
Modem state
OFF
ON
ON
OFF
50-100 µs
50-100 µs
e.g. LTE TX
e.g. LTE RX or GPS
Sleep/
PWROFF
Sleep/
PWROFF
Retuning
symbol
COEX2
0
0
1
COEX0
0
State x
State y
State z
0
0
time
1-2ms
Figure 110: COEX interface timing
7.4 LTE modem RF control external interface
LTE modem provides dedicated 1.8 V digital interfaces for controlling external RF applications, such as
antenna tuner devices:
• MIPI RFFE interface pins: VIO, SCLK, SDATA.
• MAGPIO interface pins: MAGPIO0, MAGPIO1, MAGPIO2.
LTE modem drives these outputs timing accurately according to LTE protocol timing to set e.g. the correct
antenna tuner settings per used frequency. User needs to inform the LTE modem through the modem API
about the particular RF application e.g. antenna tuner device configuration, so that LTE modem knows
how to drive it.
Note: For details regarding the modem API and supported RF external control features, please
refer to nRF91 AT Commands, Command Reference Guide document.
Note: MIPI RFFE capacitive load at SCLK or SDATA pins shall not exceed 15 pF.
MIPI RFFE interface timing in relation to modem state is shown in the figure below.
4418_1315 v2.0
363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com