Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 364 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 364 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 360Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 361Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 362Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 368Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 400 page
background image
LTE modem
Modem state
RFFE device
phase (#)
Typical RFFE
device control
Triggers
disabled,
reset
registers
Set device
to LowPwr
Activate
device. Write
RFFE slave
register.
Set
device to
LowPwr
Activate
device. Write
RFFE slave
register.
Disable
device
OFF
ON
ON
OFF
OFF
Sleep/
PWROFF
Sleep/
PWROFF
50-100 µs
50-100 µs
>200 µs
ON (1)
INIT (0)
ON (1)
OFF (2)
PWROFF (3)
pm_trig
initial
config
Set
device
to
LowPwr
time
OFF (2)
e.g. LTE TX
e.g. LTE RX or GPS
Figure 111: MIPI RFFE interface timing
MAGPIO interface timing in relation to modem state is shown in the figure below.
Modem state
MAGPIO
OFF
ON
ON
OFF
50-100 µs
50-100 µs
e.g. LTE TX
e.g. LTE RX or GPS
0
State x
State y
Sleep/
PWROFF
Sleep/
PWROFF
State z
0
Retuning
symbol
time
Figure 112: MAGPIO interface timing
7.5 RF front-end interface
nRF9160 has a single-ended (SE) 50 Ω antenna interface to connect directly to antenna.
7.6 Registers
7.7 Electrical specification
7.7.1 Key RF parameters for Cat-M1
Note: For certification status, please refer to Regulatory information on page 398.
4418_1315 v2.0
364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com