Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705V8GRS/D Datasheet(PDF) 158 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 158 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 154Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 147
MC68HC705V8 Specification Rev. 2.1
17.5
CONTROL TIMING
(VDD = 5.0 Vdc ±10%, VSS = 0 Vdc, TA = -40°C to +85°C, unless otherwise noted)
NOTES:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = TL to TH
2. The 2-bit timer prescaler is the limiting factor in determining timer resolution.
3. The minimum period tILIL or tIHIH should not be less than the number of cycles it takes to execute the interrupt service routine plus 19
tCYC.
4. The minimum period tTLTL should not be less than the number of cycles it takes to execute the capture interrupt service routine plus
24 tCYC.
Symbol
Characteristic
Min
Max
nS
---
t
OSC
1
OSC1 Pulse Width
90
tCYC
---
tIHIH
PA0-7, PC0-7 Interrupt Pulse Period
note 3
nS
---
tIHIL
PA0-7, PC0-7 Interrupt Pulse Width High (Edge-Triggered)
120
tCYC
---
tILIL
IRQ Interrupt Pulse Period (See Figure 8-1)
note 3
ns
---
tRL
RESET Pulse Width Low (See Figure 8-1)
120
tCYC
TBD
tILCH
Stop Recovery Startup Time (Crystal Oscillator option)
---
tCYC
TBD
tOXON
Crystal Oscillator Startup Time (Crystal Oscillator option)
---
nS
---
tCYC
Cycle Time (1
÷ f
OP)
476
MHz
MHz
fOP
fOP
Internal Operating Frequency
Crystal Oscillator (fOSC ÷ 2)
External Clock (fOSC ÷ 2)
---
DC
2.1
2.1
Units
MHz
MHz
4.2
4.2
fOSC
fOSC
Frequency of Operation
Crystal Oscillator Option
External Clock Source
0.1
DC
nS
---
tILHI
IRQ Interrupt Pulse width low (Edge-Triggered)
120
mS
---
tEPGM
EPROM Programming Time per Byte
4
mS
---
tEEPGM
EEPROM Programming Time per Byte
10
mS
---
tEBYT
EEPROM Erase Time per Byte
10
mS
---
tEBLOCK
EEPROM Erase Time per Block
10
µS
10
tFPV
EEPROM Programming Voltage Discharge Period
µs
5.0
t
RCON
RC Oscillator Stabilization Time
--
mS
---
tEBULK
EEPROM Bulk Erase Time
10
tCYC
nS
tCYC
--
--
--
4.0
125
note 4
16-Bit Timer
Resolution (note 2)
Input Capture Pulse Width (See Figure 11-2.)
Input Capture Period
tRESL
tTH,tTL
tTLTL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com