Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705V8GRS/D Datasheet(PDF) 160 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 160 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 164Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 149
MC68HC705V8 Specification Rev. 2.1
17.7
DC ELECTRICAL CHARACTERISTICS
(VDD=3.5-4.75 Vdc ±10%, VSS=0 Vdc, TA=-40°C to +85°C, unless otherwise noted)
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C only.
3. Wait I
DD
: Only timer system active.
4. Run (Operating) I
DD
, Wait I
DD
: Measured using external square wave clock source (f
osc
=4.2 MHz), all inputs 0.2 V from rail; no
dc loads, less than 50pF on all outputs, C
L
=20 pF on OSC2.
5. Wait, Stop I
DD
: All ports configured as inputs, V
IL
=0.2 V, V
IH
=V
DD
-0.2 V.
6. Stop I
DD
measured with OSC1=V
SS
.
7. Wait I
DD
is affected linearly by the OSC2 capacitance.
8. The MDLC module will not operate below 4.65 volts.
* Not Tested.
Unit
Max
Typ
Min
Symbol
Characteristic
V
0.1
—
—
V
OL
Output voltage
—
—
V
DD
-0.1
V
OH
Output High Voltage
—
—
V
DD
-0.3
V
OH
(I
Load
= -0.2 mA) PA0-7, PB0-7,PC0-7,PF0-3,PWM
V
Output Low Voltage
0.3
—
V
OL
(I
Load
= 0.4 mA) PA0-7, PB0-7,PC0-7,PF0-3,PWM
V
—
I/O Ports Hi-Z Leakage Current
±1
—
I
OZ
PA0-7, PB0-7, PC0-7, PF0-3
µA
—
Input Current
±1
—
I
IN
RESET, IRQ, OSC1, TCAP,SS
µA
—
PD0-PD7,PE0-7
I
IN
—
±1
—
µA
Capacitance*
12
—
C
OUT
Ports (as Input or Output)
pF
—
RESET, IRQ, OSC1,OSC2,TCAP,SS
C
IN
—8
—pF
V
I
Load =
10.0
µA
TBD
TBD
TBD
TBD
I
DD
I
DD
VDD Supply Current (see Notes)
mA
Run
mA
Wait SPI, TIMER, A/D, PWM, COP and LVR enabled
Stop (Regulator disabled, LVR enabled)
25
°C
0
°C to +70°C (Standard)
-40
°C to +85°C (Extended)
I
DD
I
DD
I
DD
TBD
TBD
TBD
TBD
TBD
TBD
---
---
---
TBD
TBD
µA
µA
µA
TBD
mA
Wait above modules off
I
DD
TBD
---
25
°C (LVR disabled)
I
DD
TBD
TBD
---
µA
Input High Voltage
V
DD
—
V
IH
Ports A, B, C
V
0.8
×V
DD
Input Low Voltage
0.4
×V
DD
—
V
IL
Ports A, B, C
V
V
SS
Input High Voltage
V
DD
—
V
IH
Ports D, E,F, IRQ, RESET, OSC1
V
0.7
×V
DD
Input Low Voltage
0.3
×V
DD
—
V
IL
Ports D, E,F, IRQ, RESET, OSC1
V
V
SS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com