Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 25 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 25 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 21Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 22Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 23Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 24Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 25Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 26Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 27Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 28Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 25
PAC194X
Whenever the SLOW pin changes the state, a limited
REFRESH or REFRESH_V command may be exe-
cuted by the chip hardware (default is REFRESH).
Like any other REFRESH command, this resets the
accumulators and accumulator count for a REFRESH
command and updates the readable registers for
either REFRESH or REFRESH_V. These are limited
REFRESH commands because no programmed
changes to the Control or Status registers take effect
(Control and Status registers are registers 01h, 1Ch,
1Dh and 20h-26h). The readable registers are stable
with the new values within 1 ms of the SLOW pin
transition.
The Slow register allows a selection of REFRESH or
REFRESH_V commands on the SLOW pin transitions,
allows this function to be disabled for either edge and
also tracks both the state of the SLOW pin and the
transitions on the SLOW pin (see Register 7-14).
5.8
Voltage Measurement
The VBUS voltage for each channel is measured by the
SENSE+ pin for each channel. A high-voltage multi-
plexer is connected to each SENSE+ pin and the mul-
tiplexer sequentially connects each SENSE+ pin to an
ADC input for conversion. The result is stored in a
16-bit VBUS results register and the 14 MSBs are mul-
tiplied by the VSENSE number for the VPOWER results
value. The VPOWER results are accumulated in the
accumulator.
For the PAC194X, the default FSR is 9V. The device
may be programmed for bipolar VBUS measurements.
In this Bipolar mode, the mathematical range for VBUS
numbers is +9V, the actual range is limited to about
-200 mV due to the impact of the ESD structures. This
bipolar capability for VBUS enables accurate offset
measurement and correction. For bipolar operation,
the 16-bit VBUS result is a two’s complement (signed)
number.
The measured voltage at SENSE+ can be calculated
using Equation 5-1. The FSR value stays the same but
the maximum range is divided in half.
EQUATION 5-1:
BUS VOLTAGE
5.9
Current Measurement
The PAC194X device family includes high-side current
sensing circuits. These circuits measure the voltage
(VSENSE) induced across a fixed external current sense
resistor (RSENSE) and store the voltage as a 16-bit
number in the VSENSE results registers.
The PAC194X current sensing operates with a FSR of
100 mV in Unidirectional mode (default).
When sensing unidirectional currents (the default
mode), the ADC results are presented in unsigned
binary format. For bidirectional current sensing, the
ADC results are in two’s complement (signed) format.
For bipolar current measurements, the range is
±100 mV, but use FSR = 100 mV in the equations that
follow. For best accuracy on current values near zero,
it is recommended to use the bidirectional current
mode and 8X average current results.
5.10
Selecting RSENSE Values
RSENSE can easily be calculated if the maximum
current sensed is known, as shown in Equation 5-2.
Consider the need to select a value for IMax that
includes current peaks well beyond your nominal
current.
EQUATION 5-2:
CALCULATING RSENSE
Full-Scale Current (FSC) can be calculated with
Equation 5-3.
EQUATION 5-3:
FULL-SCALE CURRENT
The actual current through RSENSE can then be
calculated using Equation 5-4.
VSOURCE
9V
VBUS
Denominator
-----------------------------------
=
Where:
VSOURCE = The measured voltage on the
SENSE+ pin
VBUS = The value read from the VBUS
results registers
Denominator =216 for unipolar measurements
=216 for FSR/2 measurements
=215 for bipolar measurements
RSENSE
FSR
IMax
-------------
=
Where:
FSR = Full-scale VSENSE voltage input
RSENSE = External RSENSE resistor value
IMax = Maximum current to measure
FSC
100 mV
RSENSE
----------------------
=
Where:
FSC = Full-Scale Current
RSENSE = External sense resistor value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com