Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 8 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 8 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 9Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 10Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 11Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
PAC194X
DS20006543A-page 8
 2021 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS – I2C/SMBUS TIMING
Electrical Characteristics: Unless otherwise specified, maximum values are at TA = -40°C to +125°C,
VDD = 2.7V to 5.5V, VI/O = 1.62V to 5.5V, VBUS = 0V to 9V;
Typical values are at TA = +25°C, VDD = 3.3V, VI/O = 3.3V, VBUS = 9V, VSENSE = (SENSE+ – SENSE-) = 0V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Clock Frequency
fSMB
0.010
—
1
MHz
Fast Mode Plus. No minimum if
Time-out is not enabled.
0.010
—
3.4
High-Speed mode. No mini-
mum if Time-out is not enabled.
Spike Suppression
tSP
0
—
50
ns
Fast Mode Plus
0
—
10
High-Speed mode
Bus Free Time Stop to
Start
tBUF
0.5
—
—
µs
Per SMBus 3.1
Hold Time after
Repeated Start
Condition
tHD:STA
0.26
—
—
µs
Per SMBus 3.1, Fast Mode
Plus
0.16
—
—
Per SMBus 3.1, High-Speed
mode
Repeated Start
Condition Setup Time
tSU:STA
0.26
—
—
µs
Per SMBus 3.1, Fast Mode
Plus
0.16
—
—
Per SMBus 3.1, High-Speed
mode
Setup Time: Stop
tSU:STO
0.26
—
—
µs
Per SMBus 3.1, Fast Mode
Plus
0.16
—
—
Per SMBus 3.1, High-Speed
mode
Setup Time: Start
tSU:STA
0.26
—
—
µs
Per SMBus 3.1, Fast Mode
Plus
0.16
—
—
Per SMBus 3.1, High-Speed
mode
Data Hold Time
tHD:DAT
0
—
—
ns
Per SMBus 3.1, Fast Mode
Plus
0
—
70
Per SMBus 3.1, High-Speed
mode
Data Setup Time
tSU:DAT
50
—
—
ns
Per SMBus 3.1, Fast Mode
Plus
10
—
—
Per SMBus 3.1, High-Speed
mode
Clock Low Period
tLOW
0.5
—
—
µs
Per SMBus 3.1, Fast Mode
Plus
0.16
—
—
Per SMBus 3.1, High-Speed
mode
Clock High Period
tHIGH
0.26
—
50
µs
Fast Mode Plus
0.06
—
50
High-Speed mode
Clock/Data Fall Time
tFALL
12
—
120
ns
Fast Mode Plus
Clock/Data Rise Time
tRISE
—
—
120
ns
Fast Mode Plus
Clock Fall Time
tfCL
10
—
40
ns
High-Speed mode
Clock Rise Time
trCL
10
—
40
ns
High-Speed mode
Data Fall Time
tfDA
10
—
80
ns
High-Speed mode
Data Rise Time
trDA
10
—
80
ns
High-Speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com