Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 69 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 69 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 65Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 66Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 67Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 68Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 69Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 70Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 71Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 72Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 69
PAC194X
REGISTER 7-24:
OC LIMITN (30H-33H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OC LIMIT[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OC LIMIT[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
OC LIMIT[15:0]: Overcurrent (OC) limit for each channel. This limit is a two’s complement number for
all modes. Disable ALERTs in Register 7-34 before changing the value to avoid false triggers. Each
channel has its own limit and addressable register. Address 30h determines the limit for Channel 1,
33h for Channel 4.
REGISTER 7-25:
UC LIMITN (34H-37H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UC LIMIT[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UC LIMIT[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
UC LIMIT[15:0]: Undercurrent (UC) limit for each channel. This limit is a two’s complement number
for all modes. Disable ALERTs in Register 7-34 before changing the value to avoid false triggers. Each
channel has its own limit and addressable register. Address 34h determines the limit for Channel 1,
37h for Channel 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com