Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 32 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 32 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 28Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 29Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 30Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 31Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 32Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 33Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 34Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 35Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
PAC194X
DS20006543A-page 32
 2021 Microchip Technology Inc.
5.16.4
ALERT FUNCTIONALITY –
VOLTAGE, CURRENT AND POWER
The ALERT functionality enables the user to capture
voltage and current events that exceed programmable
limits, for one or more samples. The ALERT function
may be monitored on a digital output pin by configuring
one of the ALERT pins to correspond to a specific
ALERT
or
to
multiple ALERT
signals
using
Register 7-21 or Register 7-22. The ALERT status
may also be monitored over the I2C/SMBus by reading
Register 7-20.
ALERT can be triggered by a variety of triggers; VBUS
overvoltage or undervoltage (OV or UV), VSENSE over-
current or undercurrent (OC or UC), overpower (OP),
conversion cycle complete or accumulator/accumula-
tor count hitting a limit for fullness or overflowing.
The OV, UV, OC, UC and/or OP limits must be enabled
for any of the channels that will be using them, by set-
ting a bit in Register 7-34. These limits are specified
with two’s complement values independent of whether
Unipolar/Bipolar Or Unidirectional/Bidirectional modes
are set for VBUS and VSENSE measurements. Only
ALERT conditions that are enabled here are capable
of
triggering
any ALERT. A
REFRESH
(or
REFRESH_V/G) command is required after writing to
Register 7-34 for the ALERTs to be enabled.
5.16.5
ALERT THRESHOLD LIMITS
Each channel has programmable 16-bit limits for
overcurrent,
undercurrent,
overvoltage
and
undervoltage. The overpower limit is a 24-bit number.
The thresholds for these ALERTs are set in
Register 7-24,
Register 7-25,
Register 7-26,
Register 7-27 and Register 7-28.
5.16.6
SAMPLES OVER LIMIT TO
TRIGGER ALERT
The user can also program how many samples must
exceed the threshold to trigger the ALERT pin (over
limit samples). The default value for over limit samples
is 1 (up to a maximum 16 samples), which means the
ALERT will be triggered on the first sample that
exceeds the threshold. For OC, OP and OV, exceed-
ing the threshold means a sample that is of larger
value than the programmed limit. For UC and UV,
exceeding the threshold means a sample that is of
smaller value than the programmed limit. The OP limit
differs slightly from the other limits in that it is always
magnitude based. Thus a more positive value or more
negative value will trigger an OP alert.
The user can program how many samples over the
threshold are required to trigger the ALERT for each of
these parameters in Register 7-28, Register 7-29,
Register 7-31, Register 7-32 and Register 7-33.
5.16.7
ACCUMULATOR-BASED ALERTS
The ALERT function can also be programmed to
trigger when the accumulator or accumulator count for
any channel is filled to a specified amount. This
amount can be programmed from 15/16 full through
7/8, 3/4 or completely full. This enables the user to
maximize the accumulation time instead of simply
planning for the worst case. The limits for each
channel are specified in Register 7-23.
When the ALERT is tripped, the user can interrogate
Register 7-20 to determine which conditional limit,
which channel(s) or if the accumulator/accumulator
count condition triggered the ALERT. The ALERT con-
dition is cleared when these ALERT cause registers
are read, specifically when the register that caused for
the specific ALERT cause is read.
Register 7-20 is updated immediately on an ALERT
condition, it does not require a REFRESH command.
When the ALERT function is tripped by accumulator
overflow, it remains asserted until a REFRESH com-
mand is received. REFRESH_G will also clear the
ALERT bit and the ALERT function, but REFRESH_V
will not.
5.16.8
ALERT CLEARING AND
PERSISTENT FAULT CONDITIONS
If
the
over/undervoltage,
over/undercurrent
or
overpower conditions that tripped the ALERT or accu-
mulator full conditions are still present after the ALERT
cause register is read (which clears all the bits in that
register and resets the ALERT function), the ALERT
function will reassert, if the next converted sample that
detects the limit is exceeded.
Register 7-20 is cleared when it is read. If the ALERT
condition is still present after the next conversion cycle
is complete, the ALERT is reasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com