Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 43 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 43 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 39Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 40Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 41Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 42Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 43Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 44Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 45Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 46Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 43
PAC194X
UC LIMITN (34H-37H) Register
UC limit for Channel 1
R/W
2
0000h
UC limit for Channel 2
R/W
2
0000h
UC limit for Channel 3
R/W
2
0000h
UC limit for Channel 4
R/W
2
0000h
OP LIMITN (38H-3BH) Register
OP limit for Channel 1
R/W
3
000000h
OP limit for Channel 2
R/W
3
000000h
OP limit for Channel 3
R/W
3
000000h
OP limit for Channel 4
R/W
3
000000h
OV LIMITN (3CH-3FH) Register
OV limit for Channel 1
R/W
2
0000h
OV limit for Channel 2
R/W
2
0000h
OV limit for Channel 3
R/W
2
0000h
OV limit for Channel 4
R/W
2
0000h
UV LIMITN (40H-43H) Register
UV limit for Channel 1
R/W
2
0000h
UV limit for Channel 2
R/W
2
0000h
UV limit for Channel 3
R/W
2
0000h
UV limit for Channel 4
R/W
2
0000h
OC LIMIT NSAMPLES (44H) Register
Consecutive OC samples over threshold
for ALERT
R/W
1
00h
UC LIMIT NSAMPLES (45H) Register
Consecutive UC samples over threshold
for ALERT
R/W
1
00h
OP LIMIT NSAMPLES (46H) Register
Consecutive OP samples over threshold
for ALERT
R/W
1
00h
OV LIMIT NSAMPLES (47H) Register
Consecutive OV samples over threshold
for ALERT
R/W
1
00h
UV LIMIT NSAMPLES (48H) Register
Consecutive UV samples over threshold
for ALERT
R/W
1
00h
ALERT ENABLE (49H) Register
ALERT Enable
R/W
3
000000h
ACCUM CONFIG ACT (4AH) Register
Currently active value of 25h
R
1
00h
ACCUM CONFIG LAT (4BH) Register
Latched active value of 25h
R
1
00h
PRODUCT ID (FDH) Register
Stores the Product ID
R
1
Note 3
MANUFACTURER ID (FEH) Register
Stores the Manufacturer ID
R
1
54h
REVISION ID (FFH) Register
Stores the revision
R
1
02h
TABLE 7-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register Name
Description
Type
Bytes
POR
Value
Note 1: All the results registers, 03H-1Ah, have a POR value that is all zeros: 2 bytes → 0000h; 3 bytes →
000000h; 4 bytes → 00000000h; 7 bytes → 00000000000000h.
2: Register 01h has different default values for different devices, see Register 7-2.
3: Register FDh has different values depending on which member of the product family is selected. See
Register 7-37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com