Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 1 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 1 Page - Microchip Technology

  PAC1942T-1E/4MX. Datasheet HTML 1Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 2Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 3Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 1
PAC194X
Features
• High-Side/Low-Side Current Monitor with One,
Two, Three or Four Channels:
- 100 mV Full-Scale Range (FSR) for current
sense voltage
- 16-bit resolution for current measurement
- Programmable FSR: -50 mv to +50 mv
- External sense resistor sets the full-scale
current range
- Very low input current simplifies routing
• Voltage Monitor with Wide VBUS Range
- 0V to 9V FSR
- 4.5V programmable VBUS option
- 16-bit resolution for voltage measurements
•VSOURCE Can Be Applied before VDD Is Applied
• Real-Time Auto-Calibration of Offset Error for
Voltage and Current
• 1% Power Measurement Accuracy over a Wide
Dynamic Range
• On-Chip Accumulation of 30-bit Power Results for
Energy Measurement
- User programmable sampling rates of 8, 64,
256 and 1024 SPS
- 5120 SPS for a single channel in Burst mode
• 2.7V to 5.5V Supply Operation
- 1.62-5.5V capable I2C/SMBus and digital I/O
- SMBus 3.1 and I2C Fast Mode Plus, 1 Mbps
- High-Speed mode (3.4 Mbps)
• SMBus Address – 16 Options, Set with Resistor
• ALERT Features that Can Be Enabled:
- ALERT on conversion complete
- ALERT on Over/Undervoltage and Current or
Overpower conditions
• Coulomb Counting: When Selected, the
Accumulator Accumulates VSENSE Values.
• 8X Averaging Mode for Single-Shot
Measurements to Reduce Noise and Offset
• Two Independent ALERT/GPIO pins
• Available Packages
- 3 x 3 mm 16-Lead VQFN with wettable flanks
- 2.225 x 2.17 mm 16-Lead WLCSP
Applications
• Embedded Computing
•Networking
•FPGA Systems
• Low-Voltage/High-Power – AI, GPU
• Industrial
•Linux® Applications
• Notebook and Tablet Computing
• Cloud, Linux and Server Computing
• Optical Networking Modules
Computing Platform Support
• Windows® 10 Driver
• Linux Driver
• Python™ Script
• MCC Library
Description
The PAC194X products are one, two, three and
four-channel energy monitors, with bus voltage
monitors and current sense amplifiers that feed
high-resolution ADCs. There are two versions of the
PAC194X: the PAC194X-1 devices are for high-side
current sensing and the PAC194X-2 devices are for
low-side current sensing or floating VBUS applications.
Digital circuitry performs power calculations and
energy accumulation. This enables energy monitoring
with integration periods up to one year or longer. Bus
voltage, sense resistor voltage and accumulated pro-
portional power are stored in registers for retrieval by
the system host or embedded controller. The PAC194X
devices have a set of digital comparators that allow the
user to detect over/undervoltage, over/undercurrent
and overpower against user programmed limits for
each channel and generate an ALERT when the
threshold is exceeded.
The sampling rate and energy integration period can be
controlled over SMBus or I2C. Active channel selection,
single-shot measurements and other controls are also
configurable by the SMBus or I2C. The PAC194X
device family uses real-time calibration to minimize the
offset error. No input filters are required for this device.
Single/Multi-Channel Power Monitor
with Accumulator, 9V Full-Scale Range


Similar Part No. - PAC1942T-1E/4MX.

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PAC1921 MICROCHIP-PAC1921 Datasheet
1Mb / 56P
High-Side Current/Power Sensor
01/27/15
PAC1931 MICROCHIP-PAC1931 Datasheet
1Mb / 64P
Single/Multi-Channel DC Power/Energy Monitor with Accumulator
05/14/19
PAC1931T-I/J6CX MICROCHIP-PAC1931T-I/J6CX Datasheet
1Mb / 64P
Single/Multi-Channel DC Power/Energy Monitor with Accumulator
05/14/19
PAC1932 MICROCHIP-PAC1932 Datasheet
1Mb / 64P
Single/Multi-Channel DC Power/Energy Monitor with Accumulator
05/14/19
PAC1932 MICROCHIP-PAC1932 Datasheet
1Mb / 62P
Multi-Channel DC Power/Energy Monitor with Accumulator
10/25/17
More results

Similar Description - PAC1942T-1E/4MX.

ManufacturerPart #DatasheetDescription
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
logo
Maxim Integrated Produc...
DS2741 MAXIM-DS2741 Datasheet
176Kb / 9P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 0; 8/08
DS2741 MAXIM-DS2741_09 Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
Wide Range I2C Power Monitor
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
Microchip Technology
PAC1931 MICROCHIP-PAC1931 Datasheet
1Mb / 64P
Single/Multi-Channel DC Power/Energy Monitor with Accumulator
05/14/19
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407_V01 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34417 MAXIM-MAX34417 Datasheet
1Mb / 22P
SMBus Four-Channel High Dynamic Range Power Accumulator
2018
logo
Analog Devices
MAX34427 AD-MAX34427 Datasheet
830Kb / 27P
SMBUS Dual Channel High Dynamic Range Power Accumulator
Rev 0; 5/22
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com