Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 89 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 89 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 85Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 86Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 87Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 88Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 89Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 90Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 91Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 92Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 89
PAC194X
5(&200(1'(' /$1' 3$77(51
0LFURFKLS7HFKQRORJ\'UDZLQJ&5HY&
%DOO:DIHU /HYHO&KLS6FDOH3DFNDJH &6 [ PP %RG\ >:/&63@
6,/. 6&5((1
%6&%DVLF 'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
)RUEHVWVROGHULQJUHVXOWVWKHUPDO YLDVLIXVHGVKRXOGEHILOOHGRUWHQWHG WR DYRLG VROGHU ORVV GXULQJ
UHIORZ SURFHVV


)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHH WKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
H'
H(
'
(
*
*
‘;
'
&
%
$

6SDFH%HWZHHQ&RQWDFWV
&RQWDFW'LDPHWHU
6SDFH%HWZHHQ&RQWDFWV
&RQWDFW3LWFK
2YHUDOO 3LWFK
2YHUDOO 3LWFK
&RQWDFW3LWFK

*
‘;
*


0,1
'LPHQVLRQ /LPLWV
'
(
H(
8QLWV
H'
0,//,0(7(56
 %6&
 %6&
 %6&
120
 %6&
0$;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com