Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 28 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 28 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 24Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 25Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 26Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 27Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 28Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 29Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 30Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 31Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
PAC194X
DS20006543A-page 28
 2021 Microchip Technology Inc.
5.13
Power and Energy
The PAC194X has a 56-bit accumulator and a 32-bit
accumulator counter:
• 56 bits for accumulator
• 32 bits for accumulator count
• 30 bits for the power realized by multiplication of
the 17-bit current number and a 14-bit voltage
number
The FSR for power depends on the external sense
resistor used, as shown in Equation 5-5.
EQUATION 5-5:
POWER FSR
CALCULATION
The device implements power measurements by
multiplying VBUS and VSENSE to give a VPOWER result.
VPOWER values are used to calculate the proportional
power, as shown in Equation 5-6. The proportional
power is the fractional portion of the FSR power mea-
sured in one sample.
EQUATION 5-6:
PROPORTIONAL POWER
CALCULATION
To calculate the actual power from the proportional
power, multiply by the FSR power, as shown in
Equation 5-7. This actual power number is the power
measured in one sample.
EQUATION 5-7:
POWER CALCULATION
These VPOWER results are digitally accumulated on
chip and stored in the VACCN registers.
The energy calculation in Equation 5-8 and 5-9 uses a
different denominator term depending on the Unipolar
or Bipolar mode. Bipolar mode for energy applies
when the Bipolar/Bidirectional mode is used for VBUS
and/or VSENSE. Equation 5-8 shows how to realize this
using the accumulator results, accumulator count and
the accumulation period, T. In this equation, T must be
known from a system clock time stamp or other
accurate indicator of the total accumulation period.
EQUATION 5-8:
ENERGY CALCULATION
EQUATION 5-9:
ENERGY CALCULATION
Equation 5-9 shows how to calculate energy using the
accumulated power and the sampling rate, fs.
5.13.1
ADAPTIVE ACCUMULATOR
The PAC194X has a feature called Adaptive
Accumulator mode. In this mode, sampling is pro-
grammed at one of the valid sample rates and sam-
ples are accumulated. If the SLOW pin is asserted and
the device begins sampling at 8 SPS, these samples
are shifted by 7 bits to the left and accumulated so as
to simulate sampling at the maximum sampling rate,
1024 SPS, and the accumulator count is also incre-
mented by 128 for each sample in Slow mode (when
using the Adaptive Accumulator mode) to simulate
samples being accumulated at the maximum sampling
rate.
This offers a big reduction in host overhead and bus
traffic for systems that need to use the SLOW pin for
lower power operation during certain times and want
to have continuous accurate energy monitoring for
both the maximum sampling rate and the SLOW
sampling rate.
PowerFSR
100 mV RSENSE
 9V
=
Where:
RSENSE = External RSENSE resistor value
100 mV = Full-scale VSENSE voltage input
9V = Full-scale VBUS voltage input
PowerFSR
0.9V
2
 RSENSE
=
PPROP
VPOWER
Denominator
-----------------------------------
=
Where:
Denominator =230 (Unipolar mode)
=230 (FSR/2 mode)
=229 (Bipolar mode)
PACTUAL
PowerFSR PPROP
=
Energy
VACCN
Denominator
-----------------------------------
PwrFSR

T
AccCount
--------------------------
=
Where:
Denominator =230 (Unipolar mode)
=230 (FSR/2 mode)
=229 (Bipolar mode)
Energy
VACCN
Denominator
-----------------------------------
PwrFSR

fs
--------------------------
=
Where:
Denominator =230 (Unipolar mode)
=230 (FSR/2 mode)
=229 (Bipolar mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com