Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 41 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 41 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 37Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 38Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 39Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 40Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 41Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 42Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 43Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 44Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 41
PAC194X
7.0
REGISTERS DESCRIPTION
TABLE 7-1:
REGISTER SET IN HEXADECIMAL ORDER
Register Name
Description
Type
Bytes
POR
Value
REFRESH (Address 00h) Register
Send Byte for REFRESH command
SEND
0
N/A
CTRL (ADDRESS 01H) Register
Configures sampling modes and ALERT
pins
R/W
2
0700h
(Note 2)
ACC_COUNT (02H) Register
Accumulator count for all channels
Block
Read
4
Note 1
VACCN (03H-06H) Register
Accumulator output for Channel 1
Block
Read
7
Note 1
Accumulator output for Channel 2
Block
Read
7
Note 1
Accumulator output for Channel 3
Block
Read
7
Note 1
Accumulator output for Channel 4
Block
Read
7
Note 1
VBUSN (07H-0AH) Register
VBUS measurement for Channel 1
Block
Read
2
Note 1
VBUS measurement for Channel 2
Block
Read
2
Note 1
VBUS measurement for Channel 3
Block
Read
2
Note 1
VBUS measurement for Channel 4
Block
Read
2
Note 1
VSENSEN (0BH-0EH) Register
VSENSE measurement for Channel 1
Block
Read
2
Note 1
VSENSE measurement for Channel 2
Block
Read
2
Note 1
VSENSE measurement for Channel 3
Block
Read
2
Note 1
VSENSE measurement for Channel 4
Block
Read
2
Note 1
VBUSN_AVG (0FH-12H) Register
Rolling average of the eight most recent
VBUS1 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VBUS2 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VBUS3 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VBUS4 measurements
Block
Read
2
Note 1
Note 1: All the results registers, 03H-1Ah, have a POR value that is all zeros: 2 bytes → 0000h; 3 bytes →
000000h; 4 bytes → 00000000h; 7 bytes → 00000000000000h.
2: Register 01h has different default values for different devices, see Register 7-2.
3: Register FDh has different values depending on which member of the product family is selected. See
Register 7-37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com