Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 70 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 70 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 66Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 67Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 68Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 69Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 70Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 71Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 72Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 73Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
PAC194X
DS20006543A-page 70
 2021 Microchip Technology Inc.
REGISTER 7-26:
OP LIMITN (38H-3BH) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OP LIMIT[23:16]
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OP LIMIT[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OP LIMIT[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
OP LIMIT[23:0]: Overpower (OP) limit for each channel. This limit is a two’s complement number for
all modes. These 24 bits correspond to the upper 24 MSBs in the VPOWER number. The OP limit (only)
is magnitude based, an OP trigger occurs when the result is more positive or more negative than the
limit. Disable ALERTs in Register 7-34 before changing the value to avoid false triggers. Each channel
has its own limit and addressable register. Address 38h determines the limit for Channel 1, 3Bh for
Channel 4.
REGISTER 7-27:
OV LIMITN (3CH-3FH) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OV LIMIT[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OV LIMIT[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
OV LIMIT[15:0]: Overvoltage (OV) limit for each channel. This limit is a two’s complement number for
all modes. Disable ALERTs in Register 7-34 before changing the value to avoid false triggers. Each
channel has its own limit and addressable register. Address 3Ch determines the limit for Channel 1,
3Fh for Channel 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com