Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1942T-1E/4MX. Datasheet(PDF) 14 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 14 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 10Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 11Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 12Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 13Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 14Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 15Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 16Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 17Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
PAC194X
DS20006543A-page 14
 2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V
to 9V. Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V.
FIGURE 2-18:
Input Offset for VBUS
Measurements vs. Temperature.
FIGURE 2-19:
Input Offset for VSENSE
Measurements vs. Temperature.
FIGURE 2-20:
SDA Drive Current vs. VOL
at +25°C.
FIGURE 2-21:
IDD vs. Temperature and
Supply at 1024 SPS.
FIGURE 2-22:
IDD in Slow Mode vs.
Temperature and Supply.
FIGURE 2-23:
IDD vs.Temperature, Supply
and Sample Rate.
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-40
10
60
110
160
Temperature ( C)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-40
10
60
110
Temperature ( C)
0
10
20
30
40
50
60
70
0
0.1
0.2
0.3
0.4
SDA Output Voltage (V
OL)
VDD = 5.5V
VDD = 2.6V
350
370
390
410
430
450
470
-40
10
60
110
Temperature ( C)
VDD = 2.6
VDD = 2.7
VDD = 3.3
VDD = 5
VDD = 5.5
VDD = 5.6
0
10
20
30
40
50
60
-40
10
60
110
Temperature ( C)
VDD = 2.6
VDD = 2.7
VDD = 3.3
VDD = 5
VDD = 5.5
VDD = 5.6
0
50
100
150
200
250
300
350
400
450
500
-40
110
10
60
Temperature ( C)
VDD = 2.6
VDD = 2.7
VDD = 3.3
VDD =5
VDD = 5.5
VDD = 5.6
1024 SPS
256 SPS
64 SPS
8 SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com