Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705CT4GRS/D Datasheet(PDF) 141 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 152 page
background image
Electrical Specifications
Comparators
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Electrical Specifications
141
17.9 Comparators
17.10 PWM Timing
17.11 PLL Signal Input
Characteristic
Symbol
Min
Max
Unit
Input Voltage Range (see Note 2)
VINT
VSS –0.5
VDD +0.5
V
Voltage Comparator Propagation Time Measured at 100
mV Overdrive (see Note 3)
tCOMP
—10
µs
Common Mode Range (see Note 4)
VCOM
VSS +1.5
VDD –0.5
V
Offset (see Note 5)
VOFF
—
± 20
mV
Comparator Enable Time (see Note 6)
tCEN
—
100
ms
Input Current VSS ≤ VIN ≤ VDD
IIN
—1
µA
Input Current VIN ≤ VSS
IIN
—
4.0
mA
Gain Bandwidth Product
—
10
kHz
Slew Rate
SR
5
—
V/
µs
Saturation Voltage (IOUT = –5 mA)
VSAT
—
0.5
V
Internal Voltage Reference CMP–
VREF
x 90%
x 110%
(2/3) VDD
NOTES:
1. VDD = 3.3 Vdc ±10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2. The comparator is guaranteed to function over the specified input voltage range with no erroneous outputs.
3. Signal propagation time through the comparators measured with 100 mv of overdrive.
4. Comparator is guaranteed to meet specifications; for example, SR, tCOMP, and VOFF.
5. Input offset voltage is guaranteed over the temperature range.
6. Enable time is the time from enabling the comparator with the CEN bit until the comparator is fully functional.
Characteristic
Symbol
Min
Max
Unit
PWM Rise Time
tPWMR
15
35
ns
PWM Fall Time
tPWMR
15
35
ns
Characteristic
Symbol
Min
Max
Unit
Input Voltage on FINTX and FINRX (peak-to-peak)
VVCO
200
—
mVp-p
Input Frequency on FINTX and FINRX
fVCO
—
60
MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com