Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705CT4GRS/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
General Description
General Release Specification
MC68HC705CT4 — Rev. 2.0
20
General Description
MOTOROLA
1.4 Signal Description
The following paragraphs describe the signals.
1.4.1 VDD and VSS
Power is supplied to the microcontroller’s digital circuits using these two
pins. VDD is the positive supply and VSS is ground.
1.4.2 VDD2 and VSS2
Power is supplied to noise-susceptible circuitry such as the phase-
locked loop (PLL), comparators, and oscillators that require “cleaner”
supplies using these two pins. VDD2 is the positive supply and VSS2 is
ground.
1.4.3 Maskable Interrupt Request (IRQ/VPP)
This pin supplies the EPROM with the required programming voltage. In
addition, this pin has a mask option as specified by the user that
provides one of two different choices of interrupt triggering sensitivity.
The options are:
1. Negative edge-sensitive triggering only
2. Both negative edge-sensitive and level-sensitive triggering
The microcontroller unit (MCU) completes the current instruction before
it responds to the interrupt request. When IRQ goes low for at least one
tILIH, a logic 1 is latched internally to signify that an interrupt has been
requested. When the MCU completes its current instruction, the interrupt
latch is tested. If the interrupt latch contains a logic 1 and the interrupt
mask bit (I bit) in the condition code register is clear, the MCU then
begins the interrupt sequence.
If the option is selected to include level-sensitive triggering, the IRQ input
requires an external resistor to VDD for wire-OR operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com