| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 39 Page - NXP Semiconductors |
|
39 / 152 page ![]() Interrupts Hardware Interrupts MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Interrupts 39 4.6 Hardware Interrupts All hardware interrupts except RESET are maskable by the I bit in the CCR. If the I bit is set, all hardware interrupts (internal and external) are disabled. Clearing the I bit enables the hardware interrupts. The two types of hardware interrupts are explained in the following sections. 4.7 External Interrupt (IRQ) The IRQ pin provides an asynchronous interrupt to the CPU. A block diagram of the IRQ function is shown in Figure 4-2. NOTE: The BIH and BIL instructions will apply only to the level on the IRQ pin itself, and not to the output of the logic OR function with the port C IRQ interrupts. The state of the individual port C pins can be checked by reading the appropriate port C pins as inputs. Figure 4-2. IRQ Function Block Diagram The IRQ pin is one source of an external interrupt. All port C pins (PC0–PC7) act as other external interrupt sources if the keyscan feature is enabled as specified by the user. When edge sensitivity is selected for the IRQ interrupt, it is sensitive to: • Falling edge on the IRQ pin • Falling edge on any port C pin with keyscan enabled IRQ LATCH R IRQ PIN LEVEL (MASK OPTION) TO IRQ PROCESSING IN CPU PORT C TO BIH & BIL INSTRUCTION SENSING RST IRQ VECTOR FETCH VDD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |