Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705CT4GRS/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Resets
43
General Release Specification — MC68HC705CT4
Section 5. Resets
5.1 Contents
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
5.3
External Reset (RESET). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
5.4
Internal Resets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.4.1
Power-On Reset (POR). . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.4.2
Computer Operating Properly Reset (COPR) . . . . . . . . . . .46
5.4.2.1
Resetting the COP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.4.2.2
COP During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . .47
5.4.2.3
COP During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .47
5.4.2.4
COP Watchdog Timer Considerations . . . . . . . . . . . . . . .47
5.4.2.5
COP Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
5.4.3
Illegal Address. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
5.2 Introduction
The MCU can be reset from four sources: one external input and three
internal restart conditions. The RESET pin is an input with a Schmitt
trigger as shown in Figure 5-1. All the internal peripheral modules will be
reset by the internal reset signal (RST). Refer to Figure 5-2 for reset
timing detail.
5.3 External Reset (RESET)
The RESET pin is the only external source of a reset. This pin is
connected to a Schmitt trigger input gate to provide an upper and lower
threshold voltage separated by a minimum amount of hysteresis. This
external reset occurs whenever the RESET pin is pulled below the lower
threshold and remains in reset until the RESET pin rises above the
upper threshold. This active-low input will generate the RST signal and
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com